PART |
Description |
Maker |
AFCT-5961ATLZ |
Single Mode Laser Small Form Factor Transceivers
|
AVAGO TECHNOLOGIES LIMI...
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L39 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR SINGLE MODE 1300 NM MULTIRATE UP TO 155 MBIT/S TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR
|
Infineon Technologies AG
|
V23818-K15-B57 |
SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector
|
Infineon Technologies AG
|
V23818-N15-L17 V23818-N15-L16 V23818-N15-L353 V238 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, collar, active data output if SD low Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, AC-AC Coupling ext. Temp Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, DC-DC Coupling ext. Temp Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC?/a> Connector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector
|
Infineon Technologies AG
|
PAW3601DH |
laser diode form a complete and compact laser mouse tracking system
|
Pixart Imaging Inc.
|
V23818-K15-L46 V23818-K15-L16 |
Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector 纤巧单模1300纳米1.0625 Gbit / s的光纤通道1.25千兆以太网收发器2x5/2x10的LC连接器钢
|
Infineon Technologies AG
|
LAN9211-ABZJ LAN9211 |
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
|
SMSC Corporation
|
HFCT-5903 HFCT-5903E HFBR-0560 |
HFCT-5903E · 125 Mbit/s SMF (15km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-0560 · Evaluation Kit for MT-RJ 125 Mb/s Fast Ethernet Multimode and Singlemode Applications MT-RJ Duplex Single Mode Transceiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
LAN9303 LAN9303-ABZJ LAN9303I LAN9303I-ABZJ |
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
|
SMSC Corporation
|
RLD2WMUV2 |
DVD-ROM / player single mode 2wavelength laser diode
|
ROHM[Rohm]
|
AFCT-5701ALZ AFCT-5701APZ AFCT-5701LZ AFCT-5701PZ |
Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers Optical Transceivers with Optional DMI for Gigabit Ethernet Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|